Part Number Hot Search : 
A2S263 LF800 AT250 29F40 RF1S9540 1A102 CLL4745A K354045
Product Description
Full Text Search
 

To Download 153PPA302K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ppa axial leaded metallized polypropylene film capacitors for power semiconductors features ? self healing ? stable with frequency and temperature ? high dvdt ? good pulse current ratings applications ? power semiconductor circuits ? switching power supplies ? inverter/ converters ? induction heating specifications operating temperature range -55c to +85c capacitance tolerance + 10% at 1 khz, 25c + 5% optional wvdc 700 850 1000 1200 1500 2000 2500 3000 surge voltage(svdc) svdc 1000 1200 1400 1600 2000 2400 3000 3500 wvdc 700 850 1000 1200 1500 2000 2500 3000 ac voltage (50/60 hz) vac 380 450 480 500 575 630 700 750 frequency (khz) c< 0.1uf c>1uf dissipation factor (max) 25c 1 0.05% 0.06% insulation resistance @25c (<70% rh)for 1 minute at 100vdc applied 30000 m ? x f (not to exceed 30g ? ) self inductance <1 nano-henry per mm of lead spacing capacitance drift factor <0.5% after 2 years at 40c 30000 hours @vac, 70c 100000 hours @vdc, 70c life expectancy capacitance change < 3% of initially measured value failure quota 300/ billion component hours 56 days at 40c with 90 to 95%rh, +40c and no voltage applied capacitance change <2 % of initially measured value dissipation factor < 0.0001 at 1khz and 25 c damp heat test insulation resistance > 50% of maximum specified value self inductance <1 nano-henry per mm of body length and lead length capacitance drift factor <1.0% after 2 years at 40c capacitance temperature coefficient -200 ppm/c, + 100ppm/c terminal to terminal terminal to case dielectric strength 160% of rated vdc or 200% vdc applied for 2 seconds and 25c 3kvac, 50/60hz applied between the leads and case for 60 seconds dielectric polypropylene construction double metallized film with internal series connections coating flame retardant polyester tape wrap (ul 501) with epoxy resin end fill(ul94v0) leads lead free tinned copper leads l max 29 34 34 46 46 55 59 d < 17.5 < 18 >18 < 25 >25 all all d + 0.05 0.8 0.8 1.0 1.0 1.2 1.2 1.2
ppa high voltage, high dvdt axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 0.0047 3000 472ppa302kg 5250 1 88 11x29 0.0068 3000 682ppa302kg 5250 1.5 65 12.5x29 0.0068 3000 682ppa302k 3500 1.5 77 10.5x34 0.01 2500 103ppa252kg 3900 1.5 52 11.5x29 0.01 3000 103ppa302kg 5250 2 46 14.5x29 0.01 3000 103ppa302k 3500 2 54.5 12x34 0.015 2000 153ppa202kg 2750 2 37.5 11x29 0.015 2500 153ppa252kg 2650 2.5 37 13.5x29 0.015 3000 153PPA302Kg 5250 3 33.5 16.5x29 0.015 3000 153PPA302K 3500 3 38.5 14x34 0.022 2000 223ppa202k 2000 2.5 33.5 11x34 0.022 2000 223ppa202kg 2750 2.5 27.5 12.5x29 0.022 2500 223ppa252kj 2600 2.5 31 13x34 0.022 2500 223ppa252kg 3900 3 27 15.5x29 0.022 3000 223ppa302k 3500 4 27 16x34 0.033 1500 333ppa152kg 2000 3 22 12.5x29 0.033 2000 333ppa202kg 2750 3.5 20.7 14.5x29 0.033 2000 333ppa202k 2000 3.5 23.8 13x34 0.033 2500 333ppa252kg 3900 4 20 18x29 0.033 2500 333ppa252k 2600 4 23 15x34 0.033 3000 333ppa302k 3500 5 19 19x34 0.047 1200 473ppa122k 1600 3 17 12x29 0.047 1200 473ppa122kd11 1200 3 19 10.5x34 0.047 1500 473ppa152kg 2000 3.5 16.5 14x29 0.047 2000 473ppa202kg 2750 4.5 15 16.5x29 0.047 2000 473ppa202k 2000 4.5 16.8 13x34 0.047 2500 473ppa252k 2600 5 16.5 17x34 0.047 3000 473ppa302kd23 3500 6.5 14 22.5x34 0.047 3000 473ppa302k 2000 6 17.8 18x46 0.068 850 683ppa850kg 1200 3.5 13.9 11.5x29 0.068 1000 683ppa102kg 1400 3.5 13.6 12.5x29 0.068 1200 683ppa122kd12 1200 3.5 14.3 12x34 0.068 1200 683ppa122k 1600 4 12.8 13.5x29 0.068 1500 683ppa152k 1500 4 13.8 13.5x34 0.068 1500 683ppa152kg 2000 4.5 12.4 16x29 0.068 2000 683ppa202k 2000 5.5 11.8 17x34 0.068 2500 683ppa252k 2600 6.5 11.5 20.5x34 0.068 3000 683ppa302k 2000 8 12.8 21x46 0.1 700 104ppa700kg 950 3.5 13 12x29 0.1 850 104ppa850kd11 900 4 11.5 11x34 0.1 850 104ppa850k 1200 4.5 10.4 13x29 0.1 1000 104ppa102kg 1400 4.5 10.2 14.5x29 0.1 1000 104ppa102kj 1050 4.5 11 12.5x34 0.1 1200 104ppa122kg 1600 5 9.7 16x29 0.1 1200 104ppa122k 1200 5 10.7 14x34 0.1 1500 104ppa152k 1500 5.5 9.6 16x34 0.1 2000 104ppa202k 2000 7.5 8.4 20x34 0.1 2500 104ppa252kd20 1650 8 11.5 19.5x46 0.1 2500 104ppa252k 2600 8.5 8 24.5x34 0.1 3000 104ppa302k 2000 11 9.4 25x46 0.15 700 154ppa700kg 950 4.5 9.4 13.5x29 0.15 850 154ppa850kd15 1200 5.5 7.6 15x29 0.15 850 154ppa850k 900 5 8.6 13x34 0.15 1000 154ppa102k 1050 6 8.2 14.5x34 0.15 1000 154ppa102kg 1400 6 7.3 17x29 0.15 1200 154ppa122kd14 780 6 10 14x46 0.15 1200 154ppa122k 1200 6.5 7.7 17x34 0.15 1500 154ppa152k 1500 7 7.2 19.5x34 capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 0.15 2000 154ppa202kd24 2000 9 6.6 24x34 0.15 2000 154ppa202k 1250 9 8.3 19.5x46 0.15 2500 154ppa252k 1650 9 8 23.5x46 0.15 3000 154ppa302k 2000 12 6.8 30x46 0.22 700 224ppa700kg 950 6 7.1 15.5x29 0.22 700 224ppa700kj 700 5.5 8 13.5x34 0.22 850 224ppa850kg 1200 7 6.1 17.5x29 0.22 850 224ppa850kd13 600 6.5 7.9 13x46 0.22 850 224ppa850k 900 6.5 6.6 15x34 0.22 1000 224ppa102k 1050 7.5 5.9 17.5x34 0.22 1200 224ppa122kd16 780 9 7.6 16x46 0.22 1200 224ppa122k 1200 9 5.4 19.5x34 0.22 1500 224ppa152kd19 980 9 7 19x46 0.22 1500 224ppa152k 1500 9.5 5.3 23x34 0.22 2000 224ppa202k 1250 10 6 23x46 0.22 2500 224ppa252k 1650 11.5 5.9 27.5x46 0.22 3000 224ppa302ks 1275 14 6.5 29x59 0.22 3000 224ppa302kd31 1450 14 5.9 30.5x55 0.22 3000 224ppa302k 2000 14 5.2 36x46 0.33 700 334ppa700k 700 7 6 15.5x34 0.33 700 334ppa700kg 950 7 5.4 17.5x29 0.33 850 334ppa850k 900 8.5 4.8 18x34 0.33 1000 334ppa102kd17 680 9 5.9 17x46 0.33 1000 334ppa102k 1050 9.5 4.5 20.5x34 0.33 1200 334ppa122kd23 1200 10.5 4.5 23x34 0.33 1200 334ppa122k 780 9.5 5.4 19x46 0.33 1500 334ppa152k 980 10.5 5.3 23x46 0.33 2000 334ppa202k 1250 12.5 4.7 27.5x46 0.33 2500 334ppa252k 1650 14 4.5 33.5x46 0.33 2500 334ppa252kd29 1050 13.5 5.4 28.5x55 0.33 2500 334ppa252ks 925 13 6 27.5x59 0.33 3000 334ppa302ks 1275 14 5.4 35x59 0.33 3000 334ppa302k 1450 14 4.9 37x55 0.39 3000 394ppa302k 1450 14 4.4 40x55 0.39 3000 394ppa302ks 1275 14 4.9 37.5x59 0.47 700 474ppa700k 700 8 4.7 18x34 0.47 850 474ppa850k 900 10.5 4 21.5x34 0.47 850 474ppa850kd18 600 9.5 5 18x46 0.47 1000 474ppa102kd20 680 10.5 4.7 20x46 0.47 1000 474ppa102k 1050 10.5 3.8 24x34 0.47 1200 474ppa122k 780 10.5 4.8 22x46 0.47 1500 474ppa152k 980 13.5 4.3 27x46 0.47 2000 474ppa202kr 875 13 5.4 27x55 0.47 2000 474ppa202ks 800 12.5 6 26x59 0.47 2000 474ppa202k 1250 14 3.9 32.5x46 0.47 2500 474ppa252ks 925 14 4.9 32x59 0.47 2500 474ppa252k 1050 14 4.4 33.5x55 0.47 3000 474ppa302ks 1275 14 4.5 41x59 0.56 2000 564ppa202kd35 1250 14 3.6 35x46 0.56 2000 564ppa202ks 800 14 5 28.5x59 0.56 2000 564ppa202k 875 14 4.5 29.5x55 0.56 2500 564ppa252ks 925 14 4.5 34.5x59 0.56 2500 564ppa252k 1050 14 4 36.5x55 0.68 700 684ppa700kd22 700 10.5 3.9 21.5x34 0.68 700 684ppa700k 475 10 4.4 18x46 0.68 850 684ppa850k 600 10.5 4.1 21x46 0.68 850 684ppa850kd26 900 10.5 3.2 25.5x34 0.68 1000 684ppa102k 680 10.5 4 23.5x46
ppa high voltage, high dvdt axial lead capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 0.68 1200 684ppa122k 780 13.5 3.9 26.5x46 0.68 1500 684ppa152k 980 14 3.7 31.5x46 0.68 2000 684ppa202ks 800 14 4.5 31x59 0.68 2000 684ppa202k 875 14 4 32x55 0.68 2500 684ppa252ks 925 14 4.1 38x59 0.68 2500 684ppa252k 1050 14 3.7 40x55 0.82 2500 824ppa252ks 925 14 3.8 41.5x59 1 700 105ppa700kd26 700 12.5 3.2 26x34 1 700 105ppa700k 475 10.5 3.9 21x46 1 850 105ppa850k 600 14 3.3 25x46 1 1000 105ppa102k 680 14 3.2 28x46 1 1200 105ppa122kr 550 14 4 27x55 1 1200 105ppa122ks 350 14 4.5 25.5x59 1 1200 105ppa122k 780 14 3.4 32x46 1 1500 105ppa152ks 625 14 4.2 30.5x59 1 1500 105ppa152k 675 14 3.7 31.5x55 1 1500 105ppa152kd37 980 14 3.2 37x46 1 2000 105ppa202ks 800 14 3.7 37x59 1 2000 105ppa202k 875 14 3.3 39x55 1.2 1200 125ppa122k 550 14 3.4 29.5x55 1.2 1200 125ppa122ks 500 14 3.8 28x59 1.2 1200 125ppa122kd35 780 14 3 34.5x46 1.2 1500 125ppa152k 675 14 3.4 35.5x55 1.2 1500 125ppa152ks 625 14 3.7 33.5x59 1.2 2000 125ppa202ks 800 14 3.4 40.5x59 1.5 700 155ppa700k 475 14 3.3 25.5x46 1.5 850 155ppa850k 600 14 2.8 29.5x46 1.5 1000 155ppa102ks 425 14 3.6 28x59 1.5 1000 155ppa102k 475 14 3.2 29.5x55 1.5 1000 155ppa102kd34 680 14 2.6 33.5x46 1.5 1200 155ppa122kd37 780 14 2.7 37x46 1.5 1200 155ppa122ks 500 14 3.4 31x59 1.5 1200 155ppa122k 550 14 3 33x55 1.5 1500 155ppa152ks 625 14 3.2 37x59 1.5 1500 155ppa152k 675 14 2.9 40x55 2 700 205ppa700kn 475 14 3 29x46 2 850 205ppa850ks 275 14 3.4 28x59 2 850 205ppa850kd34 600 14 2.4 33.5x46 2 850 205ppa850k 425 14 3 29x55 2 1000 205ppa102kr 475 14 2.9 33.5x55 2 1000 205ppa102ks 425 14 3.2 31.5x59 2 1200 205ppa122ks 500 14 2.9 35.5x59 2 1200 205ppa122kr 550 14 2.6 37.5x55 2 1200 205ppa122k 400 12 2.6 39x55 capacitance (f) wvdc ic part number dv/dt (v/ sec.) maximum rms ripple current (a) 100 khz, +70c typical esr (m) 100 khz, +25c dims dxl (mm) 2 1500 205ppa152ks 625 14 2.8 42x59 2.2 700 225ppa700ks 300 14 4.2 25.5x59 2.2 700 225ppa700kd27 350 14 3.8 27x55 2.2 700 225ppa700k 475 14 2.9 30x46 2.2 850 225ppa850k 425 14 2.8 30.5x55 2.2 850 225ppa850kd35 600 14 2.3 35x46 2.2 850 225ppa850ks 375 14 3.2 29.5x59 2.2 1000 225ppa102ks 425 14 3 33x59 2.2 1000 225ppa102k 475 14 2.7 35x55 2.2 1200 225ppa122ks 500 14 2.8 37x59 2.2 1200 225ppa122k 550 14 2.5 39x55 2.5 700 255ppa700kr 350 14 3.5 29x55 2.5 700 255ppa700ks 300 14 3.9 27.5x59 2.5 700 255ppa700kn 475 14 2.8 32x46 2.5 850 255ppa850kn 600 14 2.6 36.5x46 2.5 850 255ppa850ks 375 14 2.5 31x59 2.5 850 255ppa850k 425 14 2.2 32x55 2.5 1200 255ppa122kr 550 14 2.3 41x55 2.5 1200 255ppa122ks 500 14 2.6 39x59 3 700 305ppa700kn 475 14 2.6 35x46 3 700 305ppa700kr 350 14 3.2 31x55 3 700 305ppa700ks 300 14 3.6 29.5x59 3 850 305ppa850kr 425 14 2.5 36x55 3 850 305ppa850ks 375 14 2.8 34x59 3 1000 305ppa102kr 475 14 2.4 40.5x55 3 1000 305ppa102ks 425 14 2.6 38x59 3 1200 305ppa122ks 500 14 2.4 42x59 3.3 700 335ppa700ks 300 14 3.5 30.5x59 3.3 700 335ppa700k 475 14 2.5 36x46 3.3 700 335ppa700kd32 350 14 3.1 32x55 3.3 850 335ppa850k 425 14 2.4 37x55 3.3 850 335ppa850ks 375 14 2.7 35x59 3.3 1000 335ppa102ks 425 14 2.5 40x59 4 700 405ppa700kr 350 14 2.8 34.5x59 4 700 405ppa700ks 300 14 3.1 33x59 4 850 405ppa850kr 425 14 2.3 40.5x55 4 850 405ppa850ks 375 14 2.6 38.5x59 4.7 700 475ppa700ks 300 14 2.9 35.5x59 4.7 700 475ppa700k 350 14 2.6 37.5x55 4.7 850 475ppa850ks 375 14 2.4 41.5x59 5.6 700 565ppa700ks 300 14 2.6 38.5x59 5.6 700 565ppa700k 350 14 2.3 41x55 6.8 700 685ppa700ks 300 14 2.4 42x59


▲Up To Search▲   

 
Price & Availability of 153PPA302K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X